Part Number Hot Search : 
1772845 BJ225 2805S F5X73 ASI10671 BTA08 HXJ9005 HXJ9005
Product Description
Full Text Search
 

To Download 79L15AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLANETA
The Linear IC's Three-Terminal Low Current Negative Voltage Regulators
DESCRIPTION
79L00A Series
The 79L00A Series of three terminal negative voltage regulators is available with several fixed output voltages making them useful in a wide range of applications. These regulators are inexpensive, vise-to-use devices suitable for a multitude of applications that require a regulated supply of up to 100 mA. These regulators feature internal current limiting and thermal shutdown making them remarkably rugged. No external components are required with the 79L00A devices in many applications. These devices offer a substantial performance advantage over the traditional zener diode-resistor combination, as output impedance and quiescent current are substantionally reduced. The voltages available allow the 79L00A to be used in logic systems, instrumentation, HiFi, and other solid state electronic equipment. The 79L00A is available in 3-Pin plastic package SOT54 (Z), 3-Pin mini power plastic package SOT89 (F) and the 8-Pin plastic package SO8 (D) offers superior quality and performance at low cost.
3
1
2
1 - Common 2 - Input 3 - Output
SOT54 JEDEC EIAJ GOST Weight: TO-92 SC-43 KT-26 0.3g
FEATURES
O O O O
High Output Current IO= 100 mA Fixed Output Voltage VO= -5 V, -6 V, -8 V, -12 V, -15 V Complementary Positive Regulators 78L00A Series Available in either 5% (AC) Selection
2 1 2 3
DEVICE TYPE / NOMINAL VOLTAGE
5% Output Voltage Accuracy 79L05AC 79L06AC 79L08AC 79L09AC 79L12AC 79L15AC Voltage Z Suffix -5 -6 -8 -9 -12 -15 79L05ACZ 79L06ACZ 79L08ACZ 79L09ACZ 79L12ACZ 79L15ACZ Package F Suffix 79L05ACF 79L06ACF 79L08ACF 79L09ACF 79L12ACF 79L15ACF D Suffix 79L05ACD 79L06ACD 79L08ACD 79L09ACD 79L12ACD 79L15ACD
1 - Common 2 - Input 3 - Output
SOT89 JEDEC EIAJ GOST Weight: TO-243 SC-62 KT-47 0.055g
1
5
4
SOT96-1 JEDEC EIAJ GOST Weight: MS-012 - 4303.8-1 0.08 a
1 - Output, 2 - Input, 3 - Input, 4 - No Connect, 5 - Common, 6 - Input, 7 - Input, 8 - No Connect PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1 Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
79L00AC Series
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Rating Input Voltage VO = -5 V to -9 V VO = -12 V to -15 V Output Current Maximum Power Dissipation Case KT-26 (TO-92) Z Suffix Case KT-47 (SOT-89) F Suffix Case 4303.8-1 (SO-8) D Suffix Junction Temperature Operating Junction Temperature Range Storage Temperature Range Symbol VI -30 -35 100 500 350 500 150 -30 to +85 -40 to +150 Value Unit V
IO PD
mA mW
TJMAX TOPR TSTG
C C C
ORDERING INFORMATION
Device 79LXXACZ* 79LXXACF* Marking Package Quantity Packing Style 79LXXACZ* SOT-54 9LXX* SOT-89 SOT-89 1 Kpcs / plastic bags / In bulk carton box 5 Kpcs / plastic bags / In bulk carton box 1 Kpcs / Reel Embossed tape 12-mm wide 7'' dia. Pin 2 (Common) towards the windung. Perforation on the right. 5 Kpcs / plastic bags / In bulk carton box 500 pcs / Reel Embossed tape 12-mm wide 7'' dia. Pin 1 (Output) face to perforation side of the tape. 2.5 Kpcs / Reel Embossed tape 12-mm wide 13'' dia. Pin 1 (Output) face to perforation side of the tape.
79LXXACF-T1* 9LXX*
79LXXACD*
79LXXACD* SO-8
79LXXACD-R1* 79LXXACD* SO-8
79LXXACD-R2* 79LXXACD* SO-8
Note 1: XX indicates nominal voltage *Available in -5, -6, -8, -9, -12 and -15 V devices.
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
2
79L00AC Series
79L05AC ELECTRICAL CHARACTERISTICS
(VI = -10 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, -7.0V < VI < -20.0V, 1mA < IO < 40mA Line Regulation, -7.0V < VI < -20.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, -8.0V < VI < -20.0V, 1mA < IO < 40mA Ripple Rejection, -8.0V < VI < -18.0V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Regline - Regload - - - - RR 41 VI - VO - 1.7 - - - - - - 60 30 6 1.5 dB V - 150 mV Min -4.8 -4.75 Typ -5.0 - Max -5.2 -5.25 mV Unit V V
IIB IIB
mA mA
79L06AC ELECTRICAL CHARACTERISTICS
(VI = -12 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, -8.5V < VI < -20.0V, 1mA < IO < 40mA Line Regulation, -8.5V < VI < -20.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, -9.0V < VI < -20.0V, 1mA < IO < 40mA Ripple Rejection, -10.0V < VI < -20.0V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Regline - Regload - - - - RR 40 VI - VO - 1.7 - - - - - - 80 40 6 1.5 dB V - 175 mV Min -5.75 -5.7 Typ -6.0 - Max -6.25 -6.3 mV Unit V V
IIB IIB
mA mA
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
3
79L00AC Series
79L08AC ELECTRICAL CHARACTERISTICS
(VI = -14 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, -10.5V < VI < -23.0V, 1mA < IO < 40mA Line Regulation, -10.5V < VI < -23.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, -11.0V < VI < -23.0V, 1mA < IO < 40mA Ripple Rejection, -13.0V < VI < -23.0V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Regline - Regload - - - - RR 37 VI - VO - 1.7 - - - - - - 80 40 6 1.5 dB V - 175 mV Min -7.7 -7.6 Typ -8.0 - Max -8.3 -8.4 mV Unit V V
IIB IIB
mA mA
79L09AC ELECTRICAL CHARACTERISTICS
(VI = -16 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, -12.0V < VI < -24.0V, 1mA < IO < 40mA Line Regulation, -12.0V < VI < -24.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, -13.0V < VI < -24.0V, 1mA < IO < 40mA Ripple Rejection, -15.0V < VI < -25.0V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Regline - Regload - - - - RR 37 VI - VO - 1.7 - - - - - - 90 40 6 1.5 dB V - 175 mV Min -8.6 -8.55 Typ -9.0 - Max -9.4 -9.45 mV Unit V V
IIB IIB
mA mA
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
4
79L00AC Series
79L12AC ELECTRICAL CHARACTERISTICS
(VI = -19 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, -14.0V < VI < -27.0V, 1mA < IO < 40mA Line Regulation, -14.5V < VI < -27.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, -16.0V < VI < -27.0V, 1mA < IO < 40mA Ripple Rejection, -15.0V < VI < -25.0V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Regline - Regload - - - - RR 37 VI - VO - 1.7 - - - - - - 100 50 6.5 1.5 dB V - 250 mV Min -11.5 -11.4 Typ -12.0 - Max -12.5 -12.6 mV Unit V V
IIB IIB
mA mA
79L15AC ELECTRICAL CHARACTERISTICS
(VI = -23 V, IO = 40 mA, CI = 0.33 F, CO = 0.1 F, TA = 25 C unless otherwise noted) Characteristic Output Voltage Output Voltage, -17.5V < VI < -30.0V, 1mA < IO < 40mA Line Regulation, -17.5V < VI < -30.0V Load Regulation, 1mA < IO < 100mA 1mA < IO < 40mA Input Bias Current Input Bias Current, -19.0V < VI < -30.0V, 1mA < IO < 40mA Ripple Rejection, -18.5V < VI < -28.5V, IO=40mA, f=120Hz Dropout Voltage Symbol VO VO Regline - Regload - - - - RR 34 VI - VO - 1.7 - - - - - - 150 75 6.5 1.5 dB V - 300 mV Min -14.4 -14.25 Typ -15.0 - Max -15.6 -15.75 mV Unit V V
IIB IIB
mA mA
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
5
79L00AC Series
PACKAGE DIMENSIONS of 79L00ACZ in mm
2.50.2 2
4.2 -1.0
max
0.7 max
0.5
max
1.6 +0.1 -0.2
O5.2 -0.5 5.2 -0.5 14.5 -1.5
PLASTIC CASE KT-26
4,50,1 1,80,05
PACKAGE DIMENSIONS of 79L00ACF in mm
A 1,50,1
0,8min
2,50,1
40,25
1
2 0,450,05 1,5 3,0
3 0,4
0,40,05 B
PLASTIC CASE KT-47
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
6
79L00AC Series
PACKAGE DIMENSIONS of 79L00ACD in mm
PLASTIC CASE 4303.8-1
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia (c) August 2001 Rev 1
Ph./Fax: +7-816-2231736 E-mail: planeta@novgorod.net http://www.novgorod.net/~planeta
7


▲Up To Search▲   

 
Price & Availability of 79L15AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X